Part Number Hot Search : 
PLCSP322 2501X I74F113N 124096 PLCSP315 1N4751 P6KE250 MB3773P
Product Description
Full Text Search
 

To Download BC857W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
Rev. 06 -- 19 May 2005 Product data sheet
1. Product profile
1.1 General description
NPN general-purpose transistors.
Table 1: Product overview Package Philips BC847 BC847W BC847T BC847AM BC847BM BC847CM BC547 [2]
[1] [2]
Type number [1]
PNP complement JEITA SC-70 SC-75 SC-101 SC-101 SC-101 SC-43A BC857 BC857W BC857T BC857AM BC857BM BC857CM BC557
SOT23 SOT323 SOT416 SOT883 SOT883 SOT883 SOT54
Valid for all available selection groups. Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
s Low current s Low voltage s Three different gain selections
1.3 Applications
s General-purpose switching and amplification
1.4 Quick reference data
Table 2: Symbol VCEO IC hFE Quick reference data Parameter collector-emitter voltage collector current (DC) DC current gain hFE group A hFE group B hFE group C VCE = 5 V; IC = 2 mA Conditions open base Min 110 110 200 420 Typ 180 290 520 Max 45 100 800 220 450 800 Unit V mA
Philips Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
2. Pinning information
Table 3: Pin 1 2 3 Pinning Description base emitter collector
1 2
006aaa144
Simplified outline
Symbol
SOT23, SOT323, SOT416
3 1 2
sym021
3
SOT883 1 2 3 base emitter collector
1 3 2 Transparent top view 1 2
sym021
3
SOT54 1 2 3 emitter base collector
1 2 3
001aab347
3 2 1
sym026
SOT54A 1 2 3 emitter base collector
1 2 3
001aab348
3 2 1
sym026
SOT54 variant 1 2 3 emitter base collector
1 2 3
001aab447
3 2 1
sym026
9397 750 14609
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 -- 19 May 2005
2 of 13
Philips Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
3. Ordering information
Table 4: Ordering information Package Name BC847 BC847W BC847T BC847AM BC847BM BC847CM BC547 [2]
[1] [2]
Type number [1]
Description plastic surface mounted package; 3 leads plastic surface mounted package; 3 leads plastic surface mounted package; 3 leads leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.5 mm
Version SOT23 SOT323 SOT416 SOT883
SC-70 SC-75 SC-101
SC-43A
plastic single-ended leaded (through hole) package; 3 leads
SOT54
Valid for all available selection groups. Also available in SOT54 and SOT54 variant packages (see Section 2 and Section 9).
4. Marking
Table 5: BC847 BC847A BC847B BC847C BC847W BC847AW BC847BW BC847CW BC847T
[1]
Marking codes Marking code [1] 1H* 1E* 1F* 1G* 1H* 1E* 1F* 1G* 1N Type number BC847AT BC847BT BC847CT BC847AM BC847BM BC847CM BC547 BC547B BC547C Marking code [1] 1E 1F 1G D4 D5 D6 C547 C547B C547C
Type number
* = -: made in Hong Kong * = p: made in Hong Kong * = t: made in Malaysia * = W: made in China
9397 750 14609
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 -- 19 May 2005
3 of 13
Philips Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
5. Limiting values
Table 6: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VCBO VCEO VEBO IC ICM IBM Ptot Parameter collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) peak collector current peak base current total power dissipation SOT23 SOT323 SOT416 SOT883 SOT54 Tstg Tj Tamb
[1] [2] [3]
Conditions open emitter open base open collector single pulse; tp 1 ms single pulse; tp 1 ms Tamb 25 C
[1] [1] [1] [2] [3] [1]
Min -
Max 50 45 6 100 200 100
Unit V V V mA mA mA
-65 -65
250 200 150 250 500 +150 150 +150
mW mW mW mW mW C C C
storage temperature junction temperature ambient temperature
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint. Reflow soldering is the only recommended soldering method. Device mounted on an FR4 PCB with 60 m copper strip line, standard footprint.
6. Thermal characteristics
Table 7: Symbol Rth(j-a) Thermal characteristics Parameter thermal resistance from junction to ambient SOT23 SOT323 SOT416 SOT883 SOT54
[1] [2] [3]
Conditions in free air
[1] [1] [1] [2] [3] [1]
Min
Typ
Max
Unit
-
-
500 625 833 500 250
K/W K/W K/W K/W K/W
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint. Reflow soldering is the only recommended soldering method. Device mounted on an FR4 PCB with 60 m copper strip line, standard footprint.
9397 750 14609
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 -- 19 May 2005
4 of 13
Philips Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
7. Characteristics
Table 8: Characteristics Tamb = 25 C unless otherwise specified. Symbol Parameter ICBO Conditions Min Typ Max 15 5 100 Unit nA A nA collector-base cut-off VCB = 30 V; IE = 0 A current VCB = 30 V; IE = 0 A; Tj = 150 C emitter-base cut-off current DC current gain hFE group A hFE group B hFE group C DC current gain hFE group A hFE group B hFE group C VCEsat VBEsat VBE Cc Ce fT F collector-emitter saturation voltage base-emitter saturation voltage base-emitter voltage VCE = 5 V; IC = 10 A VCE = 5 V; IC = 10 A VCE = 5 V; IC = 10 A VCE = 5 V; IC = 2 mA VCE = 5 V; IC = 2 mA VCE = 5 V; IC = 2 mA VCE = 5 V; IC = 2 mA IC = 10 mA; IB = 0.5 mA IC = 100 mA; IB = 5 mA IC = 10 mA; IB = 0.5 mA IC = 100 mA; IB = 5 mA IC = 2 mA; VCE = 5 V IC = 10 mA; VCE = 5 V collector capacitance IE = ie = 0 A; VCB = 10 V; f = 1 MHz emitter capacitance transition frequency noise figure IC = ic = 0 A; VEB = 0.5 V; f = 1 MHz IC = 10 mA; VCE = 5 V; f = 100 MHz IC = 200 A; VCE = 5 V; RS = 2 k; f = 1 kHz; B = 200 Hz
[1] [2] [2] [2]
IEBO hFE
VEB = 5 V; IE = 0 A
110 110 200 420 580 100 -
90 150 270 180 290 520 90 200 700 900 660 11 2
800 220 450 800 200 400 700 770 1.5 10 mV mV mV mV mV mV pF pF MHz dB
[1] [2]
Pulse test: tp 300 s; 0.02. VBE decreases by approximately 2 mV/K with increasing temperature.
9397 750 14609
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 -- 19 May 2005
5 of 13
Philips Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
400 hFE
(1)
mgt723
1200 VBE (mV) 1000
(1)
mgt724
300
800
(2)
200
(2)
600
(3)
(3)
400
100
200
0 10-1
1
10
102 I C (mA)
103
0 10-1
1
10
102 I C (mA)
103
VCE = 5 V (1) Tamb = 150 C (2) Tamb = 25 C (3) Tamb = -55 C
VCE = 5 V (1) Tamb = -55 C (2) Tamb = 25 C (3) Tamb = 150 C
Fig 1. Selection A: DC current gain as a function of collector current; typical values
103 VCEsat (mV)
mgt725
Fig 2. Selection A: Base-emitter voltage as a function of collector current; typical values
1200 VBEsat (mV) 1000
(1)
mgt726
800
(2)
102
(1) (2) (3)
600
(3)
400
200
10 10-1
1
10
102 I C (mA)
103
0 10-1
1
10
102 I C (mA)
103
IC/IB = 20 (1) Tamb = 150 C (2) Tamb = 25 C (3) Tamb = -55 C
IC/IB = 10 (1) Tamb = -55 C (2) Tamb = 25 C (3) Tamb = 150 C
Fig 3. Selection A: Collector-emitter saturation voltage as a function of collector current; typical values
Fig 4. Selection A: Base-emitter saturation voltage as a function of collector current; typical values
9397 750 14609
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 -- 19 May 2005
6 of 13
Philips Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
600 hFE 500
(1)
mgt727
1200 VBE (mV) 1000
(1)
mgt728
400
(2)
800
(2)
300
600
(3)
200
(3)
400
100
200
0 10-1
1
10
102 I C (mA)
103
0 10-2
10-1
1
10
102 103 I C (mA)
VCE = 5 V (1) Tamb = 150 C (2) Tamb = 25 C (3) Tamb = -55 C
VCE = 5 V (1) Tamb = -55 C (2) Tamb = 25 C (3) Tamb = 150 C
Fig 5. Selection B: DC current gain as a function of collector current; typical values
104 VCEsat (mV) 103
mgt729
Fig 6. Selection B: Base-emitter voltage as a function of collector current; typical values
1200 VBEsat (mV) 1000
(1)
mgt730
800
(2)
600
(3)
102
(1) (3) (2)
400
200
10 10-1
1
10
102 I C (mA)
103
0 10-1
1
10
102 I C (mA)
103
IC/IB = 20 (1) Tamb = 150 C (2) Tamb = 25 C (3) Tamb = -55 C
IC/IB = 10 (1) Tamb = -55 C (2) Tamb = 25 C (3) Tamb = 150 C
Fig 7. Selection B: Collector-emitter saturation voltage as a function of collector current; typical values
Fig 8. Selection B: Base-emitter saturation voltage as a function of collector current; typical values
9397 750 14609
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 -- 19 May 2005
7 of 13
Philips Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
1200 hFE 1000
(1)
mgt731
1200 VBE (mV) 1000
(1)
mgt732
800
(2)
800
(2)
600
600
400
(3)
400
(3)
200
200
0 10-1
1
10
102 I C (mA)
103
0 10-2
10-1
1
10
102 103 I C (mA)
VCE = 5 V (1) Tamb = 150 C (2) Tamb = 25 C (3) Tamb = -55 C
VCE = 5 V (1) Tamb = -55 C (2) Tamb = 25 C (3) Tamb = 150 C
Fig 9. Selection C: DC current gain as a function of collector current; typical values
104 VCEsat (mV) 103
mgt733
Fig 10. Selection C: Base-emitter voltage as a function of collector current; typical values
mgt734
1200 VBEsat (mV) 1000
(1)
800
(2)
600
(3)
102
(1)
400
200
(3) (2)
10 10-1
1
10
102 I C (mA)
103
0 10-1
1
10
102 I C (mA)
103
IC/IB = 20 (1) Tamb = 150 C (2) Tamb = 25 C (3) Tamb = -55 C
IC/IB = 10 (1) Tamb = -55 C (2) Tamb = 25 C (3) Tamb = 150 C
Fig 11. Selection C: Collector-emitter saturation voltage as a function of collector current; typical values
Fig 12. Selection C: Base-emitter saturation voltage as a function of collector current; typical values
9397 750 14609
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 -- 19 May 2005
8 of 13
Philips Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
8. Package outline
3.0 2.8
3
1.1 0.9
2.2 1.8 3 0.45 0.15
1.1 0.8
0.45 0.15 2.5 1.4 2.1 1.2 2.2 1.35 2.0 1.15
1
2
1 0.48 0.38 0.15 0.09 04-11-04 Dimensions in mm
2 0.4 0.3 1.3 04-11-04 0.25 0.10
1.9 Dimensions in mm
Fig 13. Package outline SOT23 (TO-236AB)
Fig 14. Package outline SOT323 (SC-70)
0.62 0.55 0.55 0.47 0.30 0.22 3
1.8 1.4 3 0.45 0.15
0.95 0.60
0.50 0.46
1.75 0.9 1.45 0.7 0.30 0.22 1 2 0.30 0.15 1 Dimensions in mm 04-11-04 0.25 0.10 0.20 0.12 0.35 Dimensions in mm
0.65
1.02 0.95
2
1
03-04-03
Fig 15. Package outline SOT416 (SC-75)
Fig 16. Package outline SOT883 (SC-101)
4.2 3.6
0.45 0.38
4.2 3.6
0.45 0.38 0.48 0.40 1
3 max 0.48 0.40 1 4.8 4.4 2 2.54 3 1.27 4.8 4.4
2 5.08 2.54 3
5.2 5.0 Dimensions in mm
14.5 12.7 04-11-16
5.2 5.0 Dimensions in mm
14.5 12.7 04-06-28
Fig 17. Package outline SOT54 (SC-43A/TO-92)
9397 750 14609
Fig 18. Package outline SOT54A
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 -- 19 May 2005
9 of 13
Philips Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
0.45 0.38 4.2 3.6 1.27
2.5 max 1 4.8 4.4 2
0.48 0.40
2.54 3 1.27
5.2 5.0 Dimensions in mm
14.5 12.7 05-01-10
Fig 19. Package outline SOT54 variant
9. Packing information
Table 9: Packing methods The indicated -xxx are the last three digits of the 12NC ordering code. [1] Type number [2] BC847 BC847W BC847T BC847AM BC847BM BC847CM BC547 SOT54 SOT54A bulk, straight leads tape and reel, wide pitch tape ammopack, wide pitch SOT54 variant bulk, delta pinning
[1] [2]
Package SOT23 SOT323 SOT416 SOT883
Description 4 mm pitch, 8 mm tape and reel 4 mm pitch, 8 mm tape and reel 4 mm pitch, 8 mm tape and reel 2 mm pitch, 8 mm tape and reel
Packing quantity 3000 -215 -115 -115 5000 10000 -235 -135 -135 -315
-
-412 -112
-116 -126 -
For further information and the availability of packing methods, see Section 15. Valid for all available selection groups.
9397 750 14609
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 -- 19 May 2005
10 of 13
Philips Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
10. Revision history
Table 10: Revision history Release date Data sheet status 20050519 Change notice Doc. number 9397 750 14609 Supersedes BC846_BC847_ BC848_5, BC847M_SERIES_2, BC846T_847T_ SERIES_3, BC846W_BC847W_ BC848W_4, BC546_547_4 Product data sheet Document ID BC847_BC547_SER_6
Modifications:
* *
The format of this data sheet has been redesigned to comply with the new presentation and information standard of Philips Semiconductors. This data sheet is a type combination out of the previous data sheets BC846_BC847_BC848_5, BC847M_SERIES_2, BC846T_847T_SERIES_3, BC846W_BC847W_BC848W_4 and BC546_547_4. Product specification Product specification Product specification Product specification Product specification 9397 750 12395 9397 750 12838 9397 750 07524 9397 750 09166 9397 750 13568 BC846_BC847_ BC848_4 BC847M_SERIES_1 BC846T_847T_2 BC846W_847W_3 BC546_547_3
BC846_BC847_BC848_5 BC847M_SERIES_2
20040206 20040310
BC846T_847T_SERIES_3 20001115 BC846W_BC847W_ BC848W_4 BC546_547_4 20020204 20041125
9397 750 14609
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 -- 19 May 2005
11 of 13
Philips Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
11. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
12. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
14. Trademarks
Notice -- All referenced brands, product names, service names and trademarks are the property of their respective owners.
13. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors
15. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 14609
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 -- 19 May 2005
12 of 13
Philips Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
16. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 3 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 Thermal characteristics. . . . . . . . . . . . . . . . . . . 4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 Packing information. . . . . . . . . . . . . . . . . . . . . 10 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 12 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Contact information . . . . . . . . . . . . . . . . . . . . 12
(c) Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 19 May 2005 Document number: 9397 750 14609
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of BC857W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X